|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NJG1709KC1 1.5/1.9GHz BAND FRONT-END GaAs MMIC nGENERAL DESCRIPTION NJG1709KC1 is a front-end GaAs MMIC including a LNA, a local amplifier and a mixer, designed mainly for 1.5 or 1.9GHz band cellular phone. The ultra small & ultra thin FLP10 package is applied. nFEATURES lLow Voltage Operation lLow Current Consumption nPACKAGE OUTLINE NJG1709KC1 +2.7V typ. LNA 3.2mA typ. Mixer 5.1mA typ. (with Local Amplifier operation current) FLP10-C1 (Mount Size: 2.8 x 3.0 x 0.75mm) lUltra Small & Ultra Thin package LNA lHigh Small Signal Gain 18.0dB typ. @ fRF=1489MHz 16.0dB typ. @ fRF=1900MHz lLow Noise Figure 1.2dB typ. @ f RF=1489MHz 1.3dB typ. @ f RF=1900MHz lHigh Output IP3 +13.0dBm typ. @ fRF=1489.0+1489.1MHz +13.0dBm typ. @ fRF=1900.0+1900.1MHz Mixer lHigh Conversion Gain 12.5dB typ. @ fRF=1489MHz, fLO=1619MHz, PLO=-15dBm 9.0dB typ. @ f RF=1900MHz, f LO=1660MHz, PLO=-15dBm lLow Noise Figure 6.0dB typ. @ f RF=1489MHz, f LO=1619MHz, PLO=-15dBm 6.5dB typ. @ f RF=1900MHz, f LO=1660MHz, PLO=-15dBm lHigh Output IP3 +10.0dBm typ. @ f RF=1489.0+1489.1MHz, f LO=1619MHz, P LO=-15dBm +11.0dBm typ. @ f RF=1900.0+1900.1MHz, f LO=1660MHz, P LO=-15dBm nPIN CONFIGURATION KC1 Type (Top View) 1 2 3 4 5 Orientation Mark Pin Connection 1.LNAIN 2.LNACAP 3.GND 4.IFOUT 5.VLO 6.LOIN 7.BPC 8.MIXIN 9.GND 10.LNAOUT 10 9 8 7 6 NOTE: Please note that any information on this catalog will be subject to change. -1- NJG1709KC1 nABSOLUTE MAXIMUM RATINGS PARAMETER LNA Voltage Mixer Voltage Local Amplifier Voltage Input Power 1 Input Power 2 Power Dissipation Operating Temperature Storage Temperature SYMBOL VLNA VMIX VLO PLNAIN PLOIN PD Topr Tstg CONDITIONS (Ta=+25C, Zs=Zl=50) RATINGS UNITS 5.0 5.0 5.0 +15 +10 550 -40~+85 -55~+125 V V V dBm dBm mW C C VLNA=VMIX=VLO=2.7V VLNA=VMIX=VLO=2.7V nELECTRICAL CHARACTERISTICS 1 (LNA) GENERAL CONDITIONS: Ta=+25C, VLNA=2.7V, VMIX=VLO=0V, fRF=1489MHz, PRF=-36dBm, Zs=Zl=50, with test circuit 1 PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Frequency freq 1470 1489 1510 MHz LNA Voltage VLNA 2.5 2.7 4.5 V LNA Operating Current ILNA PRF, PLO=OFF 3.2 4.1 mA Small Signal Gain Gain 16.0 18.0 20.0 dB Gain Flatness Gflat fRF=1470~1520MHz 0.5 1.0 dB Noise Figure NF 1.2 1.5 dB Pout at 1dB Gain P-1dB -3.0 -1.0 dBm Compression point Output 3rd order OIP3 fRF=1489.0+1489.1MHz +8.0 +13.0 dBm Intercept point RF IN VSWR VSWRi 1.5 RF OUT VSWR VSWRo 1.5 nELECTRICAL CHARACTERISTICS 2 (Mixer) GENERAL CONDITIONS: Ta=+25C, VLNA=0V, VMIX=VLO=2.7V, fRF=1489MHz, f LO=1619MHz PRF=-30dBm, PLO=-15dBm, Zs=Zl=50, with test circuit 1 PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Frequency freq 1470 1489 1510 MHz Mixer Voltage VMIX 2.5 2.7 4.5 V Local Amplifier Voltage VLO 2.5 2.7 4.5 V Mixer Operating Current IMIX PRF, PLO=OFF 4.3 5.7 mA Local Amplifier ILO PRF, PLO=OFF 0.8 1.3 mA Operating Current Conversion Gain Gc 11.0 12.5 dB Noise Figure NF 6.0 9.0 dB Output 3rd Order OIP3 fRF=1489.0+1489.1MHz +7.0 +10.0 dBm Intercept Point MIXER IN VSWR VSWRM 1.5 LOCAL IN VSWR VSWRL 1.5 IF OUT VSWR VSWRI 1.5 - -2- NJG1709KC1 nELECTRICAL CHARACTERISTICS 3 (LNA) GENERAL CONDITIONS: Ta=+25C, VLNA=2.7V, VMIX=VLO=0V, fRF=1900MHz, PRF=-36dBm, Zs=Zl=50, with test circuit 2 PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Frequency freq 1890 1900 1920 MHz LNA Voltage VLNA 2.5 2.7 4.5 V LNA Operating Current ILNA PRF, PLO=OFF 3.2 4.1 mA Small Signal Gain Gain 14.0 16.0 18.0 dB 0.5 1.0 dB Gain Flatness Gflat fRF=18901920MHz Noise Figure NF 1.3 1.5 dB Pout at 1dB Gain P-1dB -2.0 0 dBm Compression point Output 3rd Order OIP3 fRF=1900.0+1900.1MHz +9.0 +13.0 dBm Intercept point RF IN VSWR VSWRi 2.0 RF OUT VSWR VSWRo 2.0 nELECTRICAL CHARACTERISTICS 4 (Mixer) GENERAL CONDITIONS: Ta=+25C, VLNA=0V, VMIX=VLO=2.7V, fRF=1900MHz, f LO=1660MHz PRF=-30dBm, PLO=-15dBm, Zs=Zl=50, with test circuit 2 PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Frequency freq 1890 1900 1920 MHz Mixer Voltage VMIX 2.5 2.7 4.5 V Local Amplifier Voltage VLO 2.5 2.7 4.5 V Mixer Operating Current IMIX PRF, PLO=OFF 4.3 5.7 mA Local Amplifier ILO PRF, PLO=OFF 0.8 1.3 mA Operating Current Conversion Gain Gc 7.0 9.0 dB Noise Figure NF 6.5 9.0 dB Output 3rd Order OIP3 fRF=1900.0+1900.1MHz +7.0 +11.0 dBm Intercept point MIXER IN VSWR VSWRM 1.5 LOCAL IN VSWR VSWRL 1.5 IF OUT VSWR VSWRI 1.5 - - 3- NJG1709KC1 nTERMINAL INFORMATION No. 1 2 3 SYMBOL LNAIN LNACAP GND FUNCTION RF input terminal of LNA. An external matching circuit is required. Terminal for the bypass capacitor of LNA. The bypass capacitor C1 shown in test circuits should be connected to this terminal as close as possible. Ground terminal (0V) IF signal output terminal. The IF signal is output through external matching circuit connected to this terminal. Please connect inductances L7, L8 and power supply as shown in test circuits, since this terminal is also the terminal of mixer power supply. Power supply terminal for local amplifier. Please place R1, R2 and L11 shown in test circuits at very close to this terminal. Local signal input terminal to local amplifier. An external matching circuit is required. Terminal for the bypass capacitor of mixer. The bypass capacitor C4 shown in test circuits should be connected to this terminal as close as possible. RF signal input terminal to mixer. An external matching circuit is required. Ground terminal (0V) Signal output terminal of LNA. The RF signal from LNA goes out through external matching circuit connected to this terminal. Please connect inductances L3, L4 and power supply as shown in test circuits, since this terminal is also the terminal of LNA power supply. 4 IFOUT 5 6 7 8 9 VLO LOIN BPC MIXIN GND 10 LNAOUT CAUTION 1) Ground terminal (No.3, 9) should be connected to the ground plane as close as possible. -4- NJG1709KC1 nTYPICAL CHARACTERISTICS 1 (LNA, f=1.5GHz, f LO=1619MHz, with test circuit 1) Gain, NF vs. Frequency (V 19 18 17 LNA Pout vs. Pin (V 4 3.5 10 5 LNA =2.7V) =2.7V, f=1489MHz) Noise Figure (dB) 3 0 Gain (dB) Gain 16 15 14 13 2.5 2 Pout (dBm) -5 -10 -15 -20 -25 -40 NF 1.5 1 12 0.5 1450 1460 1470 1480 1490 1500 1510 1520 1530 -35 -30 -25 -20 -15 -10 -5 0 Frequency (MHz) Pin (dBm) Pout, IM3 vs. Pin (V 20 LNA Gain, NF vs. V (f=1489MHz) 18 LNA 2 =2.7V, f=1489+1489.1MHz) 0 17.5 Gain 1.5 Gain (dB) -20 17 Pout -40 16.5 -60 16 1 NF IM3 15.5 -80 -100 -40 -35 -30 -25 -20 -15 -10 -5 0 15 2.5 3 3.5 4 0.5 4.5 Pin (dBm) V LNA (V) I 3.8 LNA vs. V P-1dB vs. V (f=1489MHz) 8 6 LNA LNA 3.7 4 P-1dB (dBm) (mA) 3.6 2 0 -2 -4 LNA I 3.5 3.4 -6 3.3 2.5 -8 3 3.5 4 4.5 2.5 3 3.5 4 4.5 V LNA (V) V LNA (V) - 5- Noise Figure (dB) Pout,IM3 (dBm) NJG1709KC1 nTYPICAL CHARACTERISTICS 1 (LNA, f=1.5GHz, f LO=1619MHz, with test circuit 1) OIP3, IIP3 vs. V 21 19 LNA 8 6 20 19.5 19 Gain, I (V LNA vs. Temperature 3.8 3.7 3.6 (f=1489+1489.1MHz,Pin=-36dBm) LNA =2.7V, f=1489MHz) OIP3 17 4 OIP3 (dBm) IIP3 (dBm) 13 0 18 17.5 17 IIP3 11 9 7 5 2.5 -2 -4 -6 -8 4.5 LNA 3.3 3.2 Gain 16.5 16 -40 3.1 3 100 3 3.5 4 -20 0 20 40 60 o 80 V LNA (V) Ambient Temperature ( C) NF,P-1dB vs. Temperature (V 3 LNA OIP3,IIP3 vs. Temperature (V 0 16 LNA =2.7V,f=1489MHz) =2.7V,f=1489+1489.1MHz,Pin=-36dBm) -3 2.5 -1 P-1dB P-1dB (dBm) OIP3 (dBm) 2 -2 15 -4 IIP3 14 -5 1.5 -3 1 NF 13 -6 -4 0.5 -5 12 -7 OIP3 11 -40 -20 0 20 40 60 o 0 -40 -20 0 20 40 60 o 80 -6 100 80 -8 100 Ambient Temperature ( C) Ambient Temperature ( C) The value of OIP3 and IIP3 shown in typical characteristics are calculated 3xPout-IM3 OIP3= 2 IIP3=OIP3-Gain @Pin=-36dBm -6- IIP3 (dBm) NF (dB) I LNA I 3.4 (mA) 15 2 Gain (dB) 18.5 3.5 NJG1709KC1 nTYPICAL CHARACTERISTICS 1 (LNA, f=1.5GHz, f LO=1619MHz, with test circuit 1) S11 S21 S12 Condition VLNA=2.7V VMIX=VLO=0V S22 - 7- NJG1709KC1 nTYPICAL CHARACTERISTICS 1 (MIXER, f=1.5GHz, fLO=1619MHz, with test circuit 1) Conversion Gain, Noise Figure vs. RF Frequency 16 14 20 Conversion Gain, Noise Figure vs. LO Power 12 Conversion Gain (dB) 12 Noise Figure (dB) 10 10 8 10 8 5 6 NF 8 6 Gc 0 4 NF 6 4 1450 1460 1470 1480 1490 1500 1510 1520 1530 -5 -40 2 -30 -20 -10 0 10 RF Frequency (MHz) Condition fIF=130MHz PRF=-30dBm PLO=-15dBm VMIX=VLO=2.7V Upper LOCAL LO Power (dBm) Condition fIF=130MHz fRF=1489MHz, PRF=-30dBm fLO=1619MHz VMIX=VLO=2.7V OIP3, IIP3 vs. LO Power 15 0 IIP3 10 -5 OIP3 (dBm) 5 -10 0 OIP3 -15 -5 -20 -10 -40 -25 -30 -20 -10 0 10 LO Power (dBm) Condition fIF=130MHz fRF1=1489.0MHz, PRF=-30dBm fRF2=1489.1MHz fLO=1619MHz VMIX=VLO=2.7V 3xIF-IM3 OIP3= 2 IIP3=OIP3-Gc @ PRF =-30dBm -8- IIP3 (dBm) Noise Figure (dB) Gc Conversion Gain (dB) 14 12 15 10 NJG1709KC1 nTYPICAL CHARACTERISTICS 1 (MIXER, f=1.5GHz, fLO=1619MHz, with test circuit 1) Conversion Gain, Noise Figure vs. V , V MIX LO 15 10 16 OIP3, IIP3 vs. V MIX ,V LO 0 IIP3 Conversion Gain (dB) 14 Noise Figure (dB) Gc 9 14 -2 OIP3 (dBm) 13 8 12 -4 OIP3 10 -6 12 NF 7 11 6 8 -8 10 2.5 3 3.5 4 LO 5 4.5 6 2.5 3 3.5 4 LO -10 4.5 V MIX ,V (V) V MIX ,V (V) Condition fIF=130MHz fRF=1489MHz, PRF=-30dBm fLO=1619MHz, PLO=-15dBm Condition fIF=130MHz fRF1=1489.0MHz, PRF=-30dBm fRF2=1489.1MHz fLO=1619MHz, PLO=-15dBm 3xIF-IM3 OIP3= 2 IIP3=OIP3-Gc @ PRF =-30dBm IF, IM3 vs. RF Power 20 5 0 0 IF Output Power vs. RF Power IF IF,IM3 (dBm) -20 IF Output Power (dBm) -5 -10 -15 -20 -25 -30 -40 -40 -60 IM3 -80 -100 -40 -35 -30 -25 -20 -15 -10 -5 0 -35 -30 -25 -20 -15 -10 -5 0 RF Power (dBm) Condition fIF=130MHz fRF1=1489.0MHz fRF2=1489.1MHz fLO=1619MHz, PLO=-15dBm VMIX=VLO=2.7V RF Power (dBm) Condition fIF=130MHz fRF=1489MHz fLO=1619MHz, PLO=-15dBm VMIX=VLO=2.7V - 9- IIP3 (dBm) NJG1709KC1 nTYPICAL CHARACTERISTICS 1 (MIXER, f=1.5GHz, fLO=1619MHz, with test circuit 1) Conversion Gain vs. LO Power Temperature Response 15 15 Noise Figure vs. LO Power Temperature Response -40 C -20 C o o Conversion Gain (dB) Noise Fugure (dB) 0C o 10 -40 C -20 C 0C o o o o o o o 10 +20 C +40 C +60 C +90 C o o o o 5 +20 C +40 C +60 C +90 C 5 0 -40 -30 -20 -10 0 10 0 -40 -30 -20 -10 0 10 LO Power (dBm) Condition fIF=130MHz fRF=1489MHz, PRF=-30dBm fLO=1619MHz VMIX=VLO=2.7V LO Power (dBm) Condition fIF=130MHz fRF=1489MHz fLO=1619MHz VMIX=VLO=2.7V IIP3 vs. LO Power Temperature Response 2 -40 C o o 0 -20 C 0C o o o o o IIP3 (dBm) -2 +20 C +40 C -4 +60 C +90 C -6 -8 -10 -40 -30 -20 -10 0 10 LO Power (dBm) Condition fIF=130MHz fRF1=1489.0MHz, PRF=-30dBm fRF2=1489.1MHz fLO=1619MHz VMIX=VLO=2.7V 3xIF-IM3 IIP3= -Gc 2 @ PRF =-30dBm - 10 - NJG1709KC1 nTYPICAL CHARACTERISTICS 1 (MIXER, f=1.5GHz, fLO=1619MHz, with test circuit 1) Conversion Gain vs. V 15 MIX ,V LO 9 8 Noise Figure vs. V MIX ,V LO Temperature Response 14 Temperature Response Conversion Gain (dB) Noise Figure (dB) 7 6 -40 C o o 13 12 -40 C -20 C o o o 5 4 3 2 2.5 -20 C 0C +20 C +40 C +60 C +90 C o o o o o 11 0C +20 C o o o o 10 +40 C +60 C +90 C 9 2.5 3 3.5 4 4.5 3 3.5 4 4.5 V MIX ,V LO (V) V MIX ,V LO (V) Condition fIF=130MHz fRF=1489MHz,PRF=-30dBm fLO=1619MHz, PLO=-15dBm Condition fIF=130MHz fRF=1489MHz fLO=1619MHz, PLO=-15dBm IIP3 vs. V 0 -1 -2 MIX ,V LO Temperature Response IIP3 (dBm) -3 -4 -5 -6 -7 -8 2.5 3 3.5 4 4.5 -40 C -20 C 0C +20 C +40 C +60 C +90 C o o o o o o o V MIX ,V LO (V) Condition fIF=130MHz fRF1=1489.0MHz,PRF=-30dBm fRF2=1489.1MHz fLO=1619MHz, PLO=-15dBm 3xIF-IM3 IIP3= -Gc 2 @ PRF =-30dBm - 11- NJG1709KC1 nTYPICAL CHARACTERISTICS 1 (MIXER, f=1.5GHz, fLO=1619MHz, with test circuit 1) MIXER IN PORT IMPEDANCE (PLO=-15dBm) LOCAL IN PORT IMPEDANCE Condition VLNA=0V VMIX=VLO=2.7V Condition VLNA=0V VMIX=VLO=2.7V IF OUT PORT IMPEDANCE Condition VLNA=0V VMIX=VLO=2.7V - 12 - NJG1709KC1 nTYPICAL CHARACTERISTICS 1 (LNA+MIXER, f=1.5GHz, fLO=1619MHz, with test circuit 1) RF IN - LOCAL IN ISOLATION (RF IN LOCAL IN) Port 1 Condition VLNA=2.7V VMIX=VLO=2.7V Port1:RF IN Port2:LOCAL IN RF IN M.N IF OUT M.N. 50 M.N. LOCAL IN Port 2 RF OUT - MIXER IN Coaxial Cable Z0=50 ohm, L=260 mm M.N. MIXER IN M.N RF OUT RF OUT - MIXER IN ISOLATION (RF OUT MIXER IN) Port 1 Condition VLNA=2.7V VMIX=VLO=2.7V Port1:RF OUT Port2:MIXER IN RF IN M.N 50 M.N. 50 IF OUT M.N. M.N. MIXER IN Port 2 LOCAL IN M.N RF OUT 50 RF IN - IF OUT ISOLATION (RF IN IF OUT) Port 1 Condition VLNA=2.7V VMIX=VLO=2.7V Port1:RF IN Port2:IF OUT RF IN M.N IF OUT M.N. Port 2 M.N. LOCAL IN 50 RF OUT - MIXER IN Coaxial Cable Z0=50 ohm, L=260 mm M.N. MIXER IN M.N RF OUT - 13- NJG1709KC1 nTYPICAL CHARACTERISTICS 1 (LNA+MIXER, f=1.5GHz, fLO=1619MHz, with test circuit 1) LOCAL IN to IF OUT Isolation vs. LO Frequency 0 -5 Isolation (dB) -10 -15 -20 Condition VLNA=2.7V VMIX=VLO=2.7V PLO=-15dBm Port1: LOCAL IN Port2: IF OUT RF IN M.N 50 M.N. IF OUT M.N. Port 2 M.N. M.N RF OUT MIXER IN -25 LOCAL IN Port 1 1600 1610 1620 1630 1640 1650 -30 1590 LO Frequency (MHz) RF OUT - MIXER IN Coaxial Cable Z0=50 ohm, L=260 mm LOCAL IN to RF IN Isolation vs. LO Frequency 0 -5 Port 2 Condition VLNA=2.7V VMIX=VLO=2.7V PLO=-15dBm Port1: LOCAL IN Port2: RF IN RF IN M.N IF OUT M.N. 50 M.N. LOCAL IN Port 1 1600 1610 1620 1630 1640 1650 Isolation (dB) -10 RF OUT M.N M.N. MIXER IN -15 -20 -25 -30 1590 LO Frequency (MHz) RF OUT - MIXER IN Coaxial Cable Z0=50 ohm, L=260 mm - 14 - NJG1709KC1 nTYPICAL CHARACTERISTICS 2 (LNA, f=1.9GHz, f LO=1660MHz, with test circuit 2) Gain, NF vs. Frequency (V =2.7V) 19 18 17 DD Pout vs. Pin (V 4 3.5 10 5 LNA =2.7V, f=1900MHz) Pout (dBm) Gain Gain (dB) 16 15 14 13 12 1870 2.5 2 Noise Figure (dB) 3 0 -5 -10 -15 -20 -25 -40 NF 1.5 1 0.5 1940 1880 1890 1900 1910 1920 1930 -35 -30 -25 -20 -15 -10 -5 0 Frequency (MHz) Pin (dBm) Pout , IM3 vs. Pin (V 20 LNA Gain, NF vs. V (f=1900MHz) 17 LNA 2 =2.7V, f=1900.0+1900.1MHz) 0 16.5 Gain 1.5 Pout, IM3 (dBm) Gain (dB) -20 16 -40 15.5 -60 15 IM3 14.5 NF 1 -80 -100 -40 -35 -30 -25 -20 -15 -10 -5 0 14 2.5 3 3.5 4 0.5 4.5 Pin (dBm) V LNA (V) P-1dB vs. V I 3.8 LNA vs. V LNA LNA 8 6 (f=1900MHz) 3.7 4 P-1dB (dBm) (mA) 3.6 2 0 -2 -4 LNA 3.5 I 3.4 -6 3.3 2.5 3 3.5 4 4.5 -8 2.5 3 3.5 4 4.5 V LNA (V) V LNA (V) - 15- Noise Figure (dB) Pout NJG1709KC1 nTYPICAL CHARACTERISTICS 2 (LNA, f=1.9GHz, f LO=1660MHz, with test circuit 2) OIP3 , IIP3 vs. V 21 19 LNA 8 6 19 18.5 18 Gain, I (V LNA vs. Temperature 3.8 3.7 3.6 (f=1900.0+1900.1MHz,Pin=-36dBm) LNA =2.7V, f=1900MHz) OIP3 17 4 2 OIP3 (dBm) IIP3 13 11 9 7 5 2.5 3 3.5 4 0 -2 -4 -6 -8 4.5 17 16.5 I Gain 3.3 3.2 3.1 3 100 16 15.5 15 -40 -20 0 20 40 60 o 80 V LNA (V) Ambient Temperature ( C) NF,P-1dB vs. Temperature 3 OIP3,IIP3 vs. Temperature (V 1 16 LNA (VLNA =2.7V, f=1900MHz) P-1dB =2.7V, f=1900.0+1900.1MHz,Pin=-36dBm) -2 2.5 0 15 -3 IIP3 P-1dB (dBm) OIP3 (dBm) 2 -1 14 -4 1.5 -2 NF 1 -3 13 -5 0.5 -4 12 OIP3 -6 0 -40 -20 0 20 40 60 o 80 -5 100 11 -40 -20 0 20 40 60 o 80 -7 100 Ambient Temperature ( C) Ambient Temperature ( C) The value of OIP3 and IIP3 shown in typical characteristics are calculated 3xPout-IM3 OIP3= 2 IIP3=OIP3-Gain @Pin=-36dBm - 16 - IIP3 (dBm) NF (dB) I LNA LNA 3.4 (mA) 15 IIP3 (dBm) Gain (dB) 17.5 3.5 NJG1709KC1 nTYPICAL CHARACTERISTICS 2 (LNA, f=1.9GHz, f LO=1660MHz, with test circuit 2) S11 S21 S12 Condition VLNA=2.7V VMIX=VLO=0V S22 - 17- NJG1709KC1 nTYPICAL CHARACTERISTICS 2 (MIXER, f=1.9GHz, fLO=1660MHz, with test circuit 2) Conversion Gain, Noise Figure vs. RF Frequency 12 14 Conversion Gain, Noise Figure vs. LO Power 15 12 Gc Conversion Gain (dB) Conversion Gain (dB) 10 12 10 10 Noise Figure (dB) 8 10 5 Gc NF 8 6 8 0 6 NF 4 6 -5 4 2 1870 1880 1890 1900 1910 1920 1930 4 1940 -10 -40 2 -30 -20 -10 0 10 RF Frequency (MHz) Condition fIF=240MHz PRF=-30dBm PLO=-15dBm VMIX=VLO=2.7V Upper LOCAL LO Power (dBm) Condition fIF=240MHz fRF=1900MHz, PRF=-30dBm fLO=1660MHz VMIX=VLO=2.7V OIP3 , IIP3 vs. LO Power 15 15 10 10 OIP3 OIP3 (dBm) 5 5 0 IIP3 0 -5 -5 -10 -40 -30 -20 -10 0 10 -10 LO Power (dBm) Condition fIF=240MHz fRF1=1900.0MHz, PRF=-30dBm fRF2=1900.1MHz fLO=1660MHz VMIX=VLO=2.7V 3xIF-IM3 OIP3= 2 IIP3=OIP3-Gc @ PRF =-30dBm - 18 - IIP3 (dBm) Noise Figure (dB) NJG1709KC1 nTYPICAL CHARACTERISTICS 2 (MIXER, f=1.9GHz, fLO=1660MHz, with test circuit 2) Conversion Gain, Noise Figure vs. V , V MIX LO 12 10 16 OIP3 , IIP3 vs. V MIX ,V LO 4 IIP3 Conversion Gain (dB) 11 9 14 2 Gc 10 8 Noise Figure (dB) OIP3 (dBm) 12 0 OIP3 10 -2 9 7 NF 8 6 8 -4 7 2.5 3.0 3.5 4.0 LO 5 4.5 6 2.5 3 3.5 4 LO -6 4.5 V MIX ,V (V) V MIX ,V (V) Condition fIF=240MHz fRF=1900MHz, PRF=-30dBm fLO=1660MHz, PLO=-15dBm Condition fIF=240MHz fRF1=1900.0MHz, PRF=-30dBm fRF2=1900.1MHz fLO=1660MHz, PLO=-15dBm 3xIF-IM3 OIP3= 2 IIP3=OIP3-Gc @ PRF =-30dBm IF , IM3 vs. RF Power 20 5 0 -5 -10 -15 -20 -25 0 IF Output Power vs. RF Power IF IF , IM3 (dBm) -20 -40 -60 IM3 -80 -100 -40 IF Output Power (dBm) -35 -30 -25 -20 -15 -10 -5 0 -30 -40 -35 -30 -25 -20 -15 -10 -5 0 RF Power (dBm) Condition fIF=240MHz fRF1=1900.0MHz fRF2=1900.1MHz fLO=1660MHz, PLO=-15dBm VMIX=VLO=2.7V RF Power (dBm) Condition fIF=240MHz fRF=1900MHz fLO=1660MHz, PLO=-15dBm VMIX=VLO=2.7V - 19- IIP3 (dBm) NJG1709KC1 nTYPICAL CHARACTERISTICS 2 (MIXER, f=1.9GHz, fLO=1660MHz, with test circuit 2) Conversion Gain vs. LO Power Temperature Response 15 15 Noise Figure vs. LO Power Temperature Response -40 C -20 C o o Conversion Gain (dB) 0C o Noise Figure (dB) 10 +20 C o o o o 10 +40 C +60 C +90 C -40 C -20 C o o o 5 0C +20 C +40 C +60 C +90 C o o o o 5 0 -40 -30 -20 -10 0 10 0 -40 -30 -20 -10 0 10 LO Power (dBm) LO Power(dBm) Condition fIF=240MHz fRF=1900MHz fLO=1660MHz VMIX=VLO=2.7V Condition fIF=240MHz fRF=1900MHz, PRF=-30dBm fLO=1660MHz VMIX=VLO=2.7V IIP3 vs. LO Power Temperature Response 4 2 0 IIP3 (dBm) -40 C o o -2 -20 C 0C o o o o o -4 +20 C +40 C -6 +60 C +90 C -8 -40 -30 -20 -10 0 10 LO Power (dBm) Condition fIF=240MHz fRF1=1900.0MHz, PRF=-30dBm fRF2=1900.1MHz fLO=1660MHz VMIX=VLO=2.7V 3xIF-IM3 IIP3= -Gc 2 @ PRF =-30dBm - 20 - NJG1709KC1 nTYPICAL CHARACTERISTICS 2 (MIXER, f=1.9GHz, fLO=1660MHz, with test circuit 2) Conversion Gain vs. V 12 11 MIX ,V LO 8 7 Noise Figure vs. V MIX ,V LO Temperature Response Temperature Response Conversion Gain (dB) Noise Figure (dB) 10 9 8 7 6 5 4 2.5 -40 C -20 C 0C +20 C +40 C +60 C +90 C o o o o o o o 6 5 -40 C o o 4 3 2 1 2.5 -20 C 0C +20 C +40 C +60 C +90 C o o o o o 3 3.5 4 4.5 3 3.5 4 4.5 V MIX ,V LO (V) V MIX ,V LO (V) Condition fIF=240MHz fRF=1900MHz,PRF=-30dBm fLO=1660MHz, PLO=-15dBm Condition fIF=240MHz fRF=1900MHz fLO=1660MHz, PLO=-15dBm IIP3 vs. V 4 3 2 MIX ,V LO Temperature Response IIP3 (dBm) 1 0 -1 -2 -3 -4 2.5 3 3.5 4 4.5 -40 C -20 C 0C +20 C +40 C +60 C +90 C o o o o o o o V MIX ,V LO (V) Condition fIF=240MHz fRF1=1900.0MHz,PRF=-30dBm fRF2=1900.1MHz fLO=1660MHz, PLO=-15dBm 3xIF-IM3 -Gc IIP3= 2 @ PRF =-30dBm - 21- NJG1709KC1 nTYPICAL CHARACTERISTICS 2 (MIXER, f=1.9GHz, fLO=1660MHz, with test circuit 2) MIXER IN PORT IMPEDANCE LOCAL IN PORTIMPEDANCE Condition VLNA=0V VMIX=VLO=2.7V Condition VLNA=0V VMIX=VLO=2.7V IF OUT PORT IMPEDANCE Condition VLNA=0V VMIX=VLO=2.7V - 22 - NJG1709KC1 nTYPICAL CHARACTERISTICS 2(LNA+MIXER f=1.9GHz, f LO=1660MHz, with test circuit 2) RF IN - LOCAL IN ISOLATION (RF IN LOCAL IN) Port 1 Condition VLNA=2.7V VMIX=VLO=2.7V Port1:RF IN Port2:LOCAL IN RF IN M.N IF OUT M.N. 50 M.N. LOCAL IN Port 2 RF OUT - MIXER IN Coaxial Cable Z0=50 ohm, L=260 mm M.N. MIXER IN M.N RF OUT RF OUT - MIXER IN ISOLATION (RF OUT MIXER IN) Port 1 Condition VLNA=2.7V VMIX=VLO=2.7V Port1:RF OUT Port2:MIXER IN RF IN M.N 50 M.N. 50 IF OUT M.N. M.N. MIXER IN Port 2 LOCAL IN M.N RF OUT 50 RF IN - IF OUT ISOLATION (RF IN IF OUT) Port 1 Condition VLNA=2.7V VMIX=VLO=2.7V Port1:RF IN Port2:IF OUT RF IN M.N IF OUT M.N. Port 2 M.N. LOCAL IN 50 RF OUT - MIXER IN Coaxial Cable Z0=50 ohm, L=260 mm M.N. MIXER IN M.N RF OUT - 23- NJG1709KC1 nTYPICAL CHARACTERISTICS 2 (LNA+MIXER, f=1.9GHz, fLO=1660MHz, with test circuit 2) LOCAL IN to IF OUT Isolation vs. LO Frequency -5 -10 Isolation (dB) -15 -20 Condition VLNA=2.7V VMIX=VLO=2.7V PLO=-15dBm Port1: LOCAL IN Port2: IF OUT RF IN M.N 50 M.N. IF OUT M.N. Port 2 M.N. M.N RF OUT MIXER IN -25 -30 LOCAL IN Port 1 1650 1660 1670 1680 1690 -35 1640 LO Frequency (MHz) RF OUT - MIXER IN Coaxial Cable Z0=50 ohm, L=260 mm LOCAL IN to RF IN Isolation vs. LO Frequency -20 -25 Port 2 Condition VLNA=2.7V VMIX=VLO=2.7V PLO=-15dBm Port1: LOCAL IN Port2: RF IN RF IN M.N IF OUT M.N. 50 M.N. LOCAL IN Port 1 1650 1660 1670 1680 1690 Isolation (dB) -30 RF OUT M.N M.N. MIXER IN -35 -40 -45 -50 1640 LO Frequency (MHz) RF OUT - MIXER IN Coaxial Cable Z0=50 ohm, L=260 mm - 24 - NJG1709KC1 nTEST CIRCUIT 1 (1.5GHz BAND) C3 L1 L2 RF IN Zo=50 C1 C6 IF OUT Zo=50 VMIX R1//R2 C9 C8 C7 VLO C11 C10 L11 LOCAL IN Zo=50 L8 L7 C5 3 4 5 1 2 (Top View) LNA MIXER 8 7 6 VLNA L3 10 9 L4 C2 L5 L6 MIXER IN Zo=50 RF OUT Zo=50 C4 L9 LOCAL AMP L10 nTEST CIRCUIT 2 (1.9GHz BAND) L1 RF IN Zo=50 C1 C6 IF OUT Zo=50 VMIX R1 C9 C8 C7 VLO C11 C10 L11 L8 L7 C5 3 4 5 C3 (Top View) VLNA L3 10 9 8 7 6 L2 1 2 L4 C2 RF OUT Zo=50 MIXER IN Zo=50 L6 LNA MIXER L5 C4 L9 LOCAL AMP L10 LOCAL IN Zo=50 - 25- NJG1709KC1 nTEST CIRCUIT PARTS LIST 1.5GHz BAND Upper LOCAL fLO=1619MHz PLO=-15dBm fIF=130MHz 12nH 12nH 10nH 2.7nH 18nH 15nH 82nH 33nH 22nH 15nH 8.2nH 30pF 39pF 1000pF 1000pF 12pF 1000pF 10pF 100pF 1000pF 10pF 100pF 18 18 1.9GHz BAND Lower LOCAL fLO=1660MHz PLO=-15dBm fIF=240MHz 10nH 6.8nH 5.6nH 1.5nH 3.9nH 1.2nH 47nH 18nH 18nH 18nH 8.2nH 7pF 12pF 1000pF 1000pF 6pF 1000pF 10pF 100pF 1000pF 10pF 100pF 10 - PART ID COMMENT L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 L11 C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 R1 R2 TAIYO-YUDEN (HK1005) TAIYO-YUDEN (HK1005) TAIYO-YUDEN (HK1005) TAIYO-YUDEN (HK1005) TAIYO-YUDEN (HK1005) TAIYO-YUDEN (HK1005) TAIYO-YUDEN (HK1608) TAIYO-YUDEN (HK1005) TAIYO-YUDEN (HK1005) TAIYO-YUDEN (HK1005) TAIYO-YUDEN (HK1005) MURATA (GRM36) MURATA (GRM36) MURATA (GRM36) MURATA (GRM36) MURATA (GRM36) MURATA (GRM36) MURATA (GRM36) MURATA (GRM36) MURATA (GRM36) MURATA (GRM36) MURATA (GRM36) CHIP SIZE 1005 CHIP SIZE 1005 - 26 - NJG1709KC1 nRECOMMENDED PCB DESIGN RF IN RF OUT C3 VLNA L1 L2 C1 L6 C4 R1,R2 L9 L11 L10 (Top View) L4 L3 C2 VMIX L8 C6 C7 C8 C9 L7 C5 L5 IF OUT VLO C10C11 MIXER IN LOCAL IN (1.5GHz BAND) (Top View) RF IN RF OUT VLNA C2 L6 C4 R1 L9 L10 VMIX L8 C6 C7 C8 C9 L7 C5 L1 L2 C1 C3 L4 L3 L5 IF OUT L11 VLO C10 C11 MIXER IN LOCAL IN (1.9GHz BAND) PCB (FR-4) : t = 0.2 mm MICROSTRIP LINE WIDTH = 0.4 mm (Z0 = 50) PCB SIZE = 23.0 x 17.0 mm - 27- NJG1709KC1 nMEASURING BLOCK DIAGRAM VMIX=VLO=2.7V MIXER IN IF OUT Spectrum Analyzer SG (RF) DUT LOCAL IN SG (LO) Conversion Gain Measuring Block Diagram VMIX=VLO=2.7V 6dB BPF ATT. Noise Source DUT IF OUT NF Meter MIXER IN LOCAL IN BPF SG (LO) Noise Figure Measuring Block Diagram VMIX=VLO=2.7V SG (RF1) Power Comb. MIXER IN IF OUT Spectrum Analyzer SG (RF2) LOCAL IN DUT SG (LO) IF, IM3 Measuring Block Diagram - 28 - NJG1709KC1 nPACKAGE OUTLINE (FLP10-C1) 3.00.1 10 6 0.2 0.750.05 +0.1 0.15 -0.05 2.40.1 1 0.5 0.5 5 0.2 2.80.1 +0.1 0.2 -0.05 0.1 0.1 Lead material Lead surface finish Molding material UNIT Weight : Copper : Solder plating : Epoxy resin : mm : 15mg Cautions on using this product This product contains Gallium-Arsenide (GaAs) which is a harmful material. * Do NOT eat or put into mouth. * Do NOT dispose in fire or break up this product. * Do NOT chemically make gas or powder with this product. * To waste this product, please obey the relating law of your country. This product may be damaged with electric static discharge (ESD) or spike voltage. Please handle with care to avoid these damages. [CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights. - 29- |
Price & Availability of NJG1709KC1 |